Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 74Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 75Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 76Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-67-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 02h – SMBus Host Control.............................RW
7
Reserved
........................................ always reads 0
6Start
........................................ always reads 0
0
Writing 0 has no effect ...........................default
1
Start Execution of Command
Writing a 1 to this bit causes the SMBus
controller host interface to initiate execution of
the command programmed in the SMBus Host
Command Register (I/O offset 3).
All
necessary registers should be programmed
prior to writing a 1 to this bit. The Host Busy
bit (SMBus Host Status Register bit-0) can be
used to identify when the SMBus controller
has completed command execution.
5
Reserved
........................................ always reads 0
4-2
SMBus Command Protocol
000 Quick Read or Write ..............................default
001 Byte Read or Write
010 Byte Data Read or Write
011 Word Data Read or Write
100 Reserved
101 Block Read or Write
110 Reserved
111 Reserved
1
Kill
0
Normal host controller operation ...........default
1
Stop the host transaction currently in progress
Setting this bit to 1 also sets the FAILED
status bit (Host Status bit-4) and asserts the
interrupt selected by the SMB Interrupt Select
bit (Function 3 SMBus Host Configuration
Register Rx84[1]).
0
Interrupt Enable
0
Disable interrupt generation ...................default
1
Enable
generation
of
interrupts
on
the
completion of the current host transaction.
I/O Offset 03h – SMBus Host Command........................ RW
7-0
SMBUS Host Command .......................... default = 0
This field contains the data transmitted in the
command field of the SMBus host transaction.
I/O Offset 04h – SMBus Host Address............................ RW
The contents of this register are transmitted in the address field
of the SMBus host transaction.
7-1
SMBUS Address ....................................... default = 0
This field contains the 7-bit address of the targeted
slave device.
0
SMBUS Read or Write ............................ default = 0
0
Execute a WRITE command ................. default
1
Execute a READ command
I/O Offset 05h – SMBus Host Data 0 .............................. RW
The contents of this register are transmitted in the Data 0 field
of SMBus host transaction writes. On reads, Data 0 bytes are
stored here.
7-0
SMBUS Data 0.......................................... default = 0
For Block Write commands, this field is programmed
with the block transfer count (a value between 1 and
32). Counts of 0 or greater than 32 are undefined.
For Block Read commands, the count received from
the SMBus device is stored here.
I/O Offset 06h – SMBus Host Data 1 .............................. RW
The contents of this register are transmitted in the Data 1 field
of SMBus host transaction writes. On reads, Data 1 bytes are
stored here.
7-0
SMBUS Data 1.......................................... default = 0
I/O Offset 07h – SMBus Block Data ............................... RW
Reads and writes to this register are used to access the 32-byte
block data storage array. An internal index pointer is used to
address the array. It is reset to 0 by reads of the SMBus Host
Control register (I/O Offset 2) and incremented automatically
by each access to this register. The transfer of block data into
(read) or out of (write) this storage array during an SMBus
transaction always starts at index address 0.
7-0
SMBUS Block Data .................................. default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com