Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 52Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 53Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 54Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 55Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 56Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 57Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 58Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 59Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-50-
Function 1 Registers - Enhanced IDE Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 44 - Miscellaneous Control 1.................................RW
7
Reserved
........................................ always reads 0
6
Master Read Cycle IRDY# Wait States
0
0 wait states
1
1 wait state..............................................default
5
Master Write Cycle IRDY# Wait States
0
0 wait states
1
1 wait state..............................................default
4
Reserved (Do Not Program)...........R/W, default = 0
3
Bus Master IDE Status Register Read Retry
Retry bus master IDE status register read when
master write operation for DMA read is not complete
0
Disabled
1
Enabled...................................................default
2-1
Reserved (Do Not Program)...........R/W, default = 0
0
UltraDMA Host Must Wait for First Strobe
Before Termination
0
Enabled...................................................default
1
Disabled
Offset 45 - Miscellaneous Control 2.................................RW
7
Reserved
........................................ always reads 0
6
Interrupt Steering Swap
0
Don’t swap channel interrupts ................default
1
Swap interrupts between the two channels
5-4
Reserved
........................................ always reads 0
3
Memory Read Multiple Command
0
Disable ...................................................default
1Enable
2
Memory Read and Invalidate Command
0
Disable ...................................................default
1Enable
1
Secondary Channel Threshold Enable
0
Disable (data transfer starts immediately if
FIFO is not empty)
1
Enable (data transfer will not start until the
FIFO is filled to the threshold set in bits 1-0 of
Rx43) .....................................................default
0
Primary Channel Threshold Enable
0
Disable (data transfer starts immediately if
FIFO is not empty)
1
Enable (data transfer will not start until the
FIFO is filled to the threshold set in bits 3-2 of
Rx43) .....................................................default
Offset 46 - Miscellaneous Control 3 ................................ RW
7
Primary Channel Read DMA FIFO Flush
1 = Enable FIFO flush for read DMA when interrupt
asserts primary channel. ............... default=1 (enabled)
6
Secondary Channel Read DMA FIFO Flush
1 = Enable FIFO flush for Read DMA when interrupt
asserts secondary channel. ........... Default=1 (enabled)
5
Primary Channel End-of-Sector FIFO Flush
1 = Enable FIFO flush at the end of each sector for
the primary channel. ................... Default=0 (disabled)
4
Secondary Channel End-of-Sector FIFO Flush
1 = Enable FIFO flush at the end of each sector for
the secondary channel................. Default=0 (disabled)
3-2
Reserved
........................................ always reads 0
1-0
Max DRDY Pulse Width
Maximum DRDY# pulse width after the cycle count.
Command will deassert in spite of DRDY# status to
avoid system ready hang.
00 No limitation.......................................... default
01 64 PCI clocks
10 128 PCI clocks
11 192 PCI clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com