Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-1-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
VT82C596B PIPC
PCI INTEGRATED PERIPHERAL CONTROLLER
PC98 COMPLIANT PCI-TO-ISA BRIDGE
WITH
ACPI, ENHANCED POWER MANAGEMENT, SMBUS,
APIC, DISTRIBUTED DMA, SERIAL IRQ, PLUG AND PLAY,
ULTRADMA-33/66 MASTER MODE PCI-EIDE CONTROLLER,
USB CONTROLLER, KEYBOARD CONTROLLER, AND RTC
• Inter-operable with VIA and other Host-to-PCI Bridges
− Combine with VT82C598 (Apollo MVP3) for a complete 66 / 75 / 83 / 100MHz Socket-7 PCI / AGP / ISA system
− Combine with VT82C693 (Apollo ProPlus) for a complete 66 / 100 MHz Socket-370 or Slot-1 PCI / ISA system
− Combine with VT82C693A (Apollo Pro133) for a complete 66 / 100 / 133 MHz Skt-370 or Slot-1 PCI / ISA system
• PC98 Compliant PCI to ISA Bridge
− Integrated ISA Bus Controller with integrated DMA, timer, and interrupt controller
− Integrated Keyboard Controller with PS2 mouse support
− Integrated DS12885-style Real Time Clock with extended 256 byte CMOS RAM and Day/Month Alarm for ACPI
− Integrated USB Controller with root hub and two function ports
− Integrated UltraDMA-33/66 master mode EIDE controller with enhanced PCI bus commands
− PCI-2.1 compliant with delay transaction
− Eight double-word line buffer between PCI and ISA bus
− One-level PCI to ISA post-write buffer
− Supports type F DMA transfers
− Distributed DMA support for ISA legacy DMA across the PCI bus
− Sideband signal support for PC/PCI and serial interrupt for docking and non-docking applications
− Serial Interrupt input
− Fast reset and Gate A20 operation
− Edge trigger or level-sensitive interrupts
− Flash EPROM, 2Mb EPROM and combined BIOS support
− Supports positive and subtractive decoding
• Universal Serial Bus Controller
− USB v.1.1 and Intel Universal HCI v.1.1 compatible
− Eighteen level (doublewords) data FIFO with full scatter / gather capabilities
− Root hub and two function ports
− Integrated physical layer transceivers with over-current detection status on USB inputs
− Legacy keyboard and PS/2 mouse support
• Advanced Programmable Interrupt Controller (APIC)
− Integrated on-chip
− Control pins provided for support of optional external APIC
− Used to extend system interrupt capability
− PC98 compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com