Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 16 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(3)
m/s = meters per second.
5.22 Thermal Resistance Characteristics for MOH Package
NAME
DESCRIPTION
°C/W(1) (2)
AIR FLOW (m/s)(3)
RΘJC
Junction-to-case
20.0
RΘJB
Junction-to-board
15.3
RΘJA
Junction-to-free air
29.6
0
RΘJMA
Junction-to-moving air
25.0
1
PsiJT
Junction-to-package top
8.8
0
PsiJB
Junction-to-board
14.8
0
(1)
For smaller coin cell batteries, with high worst-case end-of-life equivalent source resistance, a 22-µF VDD input capacitor (see
Section 7.1.1) must be used to ensure compliance with this slew rate.
(2)
Applications using RCOSC_LF as sleep timer must also consider the drift in frequency caused by a change in temperature (see
Section 5.14).
(3)
TA = –40°C to +85°C, VDD = 1.7 V to 3.8 V, unless otherwise noted.
(4)
Tc = 25°C, VDD = 3.0 V, unless otherwise noted. Device operating as slave. For SSI master operation, see Section 5.24.
(5)
Refer to SSI timing diagrams Figure 5-1, Figure 5-2, and Figure 5-3.
5.23 Timing Requirements
MIN
NOM
MAX
UNIT
Rising supply-voltage slew rate
0
100
mV/µs
Falling supply-voltage slew rate
0
20
mV/µs
Falling supply-voltage slew rate, with low-power flash settings(1)
3
mV/µs
Positive temperature gradient in standby(2)
No limitation for negative
temperature gradient, or
outside standby mode
5
°C/s
CONTROL INPUT AC CHARACTERISTICS(3)
RESET_N low duration
1
µs
SYNCHRONOUS SERIAL INTERFACE (SSI)(4)
S1 (SLAVE)(5)
tclk_per
SSIClk period
12
65024
System
clocks
S2(5)
tclk_high
SSIClk high time
0.5
tclk_per
S3(5)
tclk_low
SSIClk low time
0.5
tclk_per
5.24 Switching Characteristics
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKEUP AND TIMING
Idle
→ Active
14
µs
Standby
→ Active
151
µs
Shutdown
→ Active
1015
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com