Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 30 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 28Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 29Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 30Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 31Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 32Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 33Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
6.11 System Architecture
Depending on the product configuration, CC26xx can function either as a Wireless Network Processor
(WNP—an IC running the wireless protocol stack, with the application running on a separate MCU), or as
a System-on-Chip (SoC), with the application and protocol stack running on the ARM CM3 core inside the
device.
In the first case, the external host MCU communicates with the device using SPI or UART. In the second
case, the application must be written according to the application framework supplied with the wireless
protocol stack.
6.12 Certification
The CC2650MODA module is certified to the standards listed in Table 6-3 (with IDs where applicable):
Table 6-3. CC2650MODA List of Certifications
REGULATORY BODY
SPECIFICATION
ID (IF APPLICABLE)
FCC (USA)
Part 15C:2015+MPE FCC 1.1307 RF Exposure (Bluetooth)
FCC ID: ZAT26M1
Part 15C:2015+MPE FCC 1.1307 RF Exposure (802.15.4)
IC (Canada)
RSS-102 (MPE) and RSS-247 (Bluetooth)
ID: 451H-26M1
RSS-102 (MPE) and RSS-247 (IEEE 802.15.4)
ETSI/CE (Europe)
EN300328 v1.9.1 (Bluetooth)
EN300328 v1.9.1 (802.15.4)
IEC/EN62479:Ver 2010 (MPE)
EN301489-1 v1.9.2:2011
EN301489-17 v2.2.1:2012 (EMC)
EN55022:2010+AC:2011
EN55024:2011
EN 60950-1:2006/A11:2009/A1:2010/A12:2011/A2:2013
Japan MIC
ARIB STD-T66
No: 201-160413/00
JATE
D 16 0092 201/00
6.12.1 Federal Communications Commission Statement
You are cautioned that changes or modifications not expressly approved by the part responsible for
compliance could void the user’s authority to operate the equipment.
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two
conditions:
1. This device may not cause harmful interference and
2. This device must accept any interference received, including interference that may cause undesired
operation of the device.
FCC RF Radiation Exposure Statement:
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled environment. End
users must follow the specific operating instructions for satisfying RF exposure limits. This transmitter
must not be colocated or operating with any other antenna or transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com