Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 20 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Voltage (V)
1.75
2
2.25 2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
D014
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7
D015
RX Current
Frequency (MHz)
2400
2410
2420
2430
2440
2450
2460
2470
2480
-1
0
1
2
3
4
5
6
7
8
D012
5-dBm setting
VDDS (V)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
5
6
7
8
9
10
11
12
13
14
15
16
D013
5-dBm Setting
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
D010
5-dBm Setting
VDDS (V)
1.8
2.3
2.8
3.3
3.8
0
1
2
3
4
5
6
D011
5-dBm Setting
20
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
This section contains typical performance plots measured on the CC2650F128RHB device. They are published in the
CC2650 data sheet, and the plots relevant for the CC2650MODA device are repeated here. RF performance is specified in a
single-ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C and VDD = 3.0 V, unless otherwise noted.
Figure 5-10. TX Output Power vs Temperature
Figure 5-11. TX Output Power vs Supply Voltage (VDD)
Figure 5-12. TX Output Power
vs Channel Frequency
Figure 5-13. TX Current Consumption
vs Supply Voltage (VDD)
Figure 5-14. RX Mode Current vs Supply Voltage (VDD)
Figure 5-15. RX Mode Current Consumption vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com