Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 4Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 5Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 6Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 7Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground, unless otherwise noted.
(3)
Including analog capable DIO.
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
4.1
V
Voltage on any digital pin(3)
–0.3
VDD + 0.3, max 4.1
V
Vin
Voltage on ADC input
Voltage scaling enabled
–0.3
VDD
V
Voltage scaling disabled, internal reference
–0.3
1.49
Voltage scaling disabled, VDD as reference
–0.3
VDD / 2.9
Input RF level
5
dBm
Tstg
Storage temperature
–40
85
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS001(1)
All pins
±1000
V
Charged device model (CDM), per JESD22-C101(2)
RF pins
±500
Non-RF pins
±500
5.3
Recommended Operating Conditions
MIN
MAX
UNIT
Ambient temperature
–40
85
°C
Operating supply voltage (VDD)
For operation in battery-powered and 3.3-V systems
(internal DC-DC can be used to minimize power
consumption)
1.8
3.8
V
5.4
Power Consumption Summary
Tc = 25°C, VDD = 3.0 V with internal DC-DC converter, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Icore
Core current
consumption
Reset. RESET_N pin asserted or VDD below
Power-on-Reset threshold
100
nA
Shutdown. No clocks running, no retention
150
Standby. With RTC, CPU, RAM and (partial)
register retention. RCOSC_LF
1
µA
Standby. With RTC, CPU, RAM and (partial)
register retention. XOSC_LF
1.2
Standby. With Cache, RTC, CPU, RAM and
(partial) register retention. RCOSC_LF
2.5
Standby. With Cache, RTC, CPU, RAM and
(partial) register retention. XOSC_LF
2.7
Idle. Supply systems and RAM powered.
550
Active. Core running CoreMark
1.45 mA +
31 µA/MHz
Radio RX
6.2
mA
Radio TX, 0-dBm output power
6.8
Radio TX, 5-dBm output power
9.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com