Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 15 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Additionally, the bias module must be enabled when running in standby mode.
5.20 Programmable Current Source
Tc = 25°C, VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current source programmable output range
0.25–20
µA
Resolution
0.25
µA
Current consumption(1)
Including current source at maximum
programmable output
23
µA
5.21 DC Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C, VDD = 1.8 V
GPIO VOH at 8-mA load
IOCURR = 2, high-drive GPIOs only
1.32
1.54
V
GPIO VOL at 8-mA load
IOCURR = 2, high-drive GPIOs only
0.26
0.32
V
GPIO VOH at 4-mA load
IOCURR = 1
1.32
1.58
V
GPIO VOL at 4-mA load
IOCURR = 1
0.21
0.32
V
GPIO pullup current
Input mode, pullup enabled, Vpad = 0 V
71.7
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad = VDD
21.1
µA
GPIO high/low input transition,
no hysteresis
IH = 0, transition between reading 0 and reading 1
0.88
V
GPIO low-to-high input transition,
with hysteresis
IH = 1, transition voltage for input read as 0
→ 1
1.07
V
GPIO high-to-low input transition,
with hysteresis
IH = 1, transition voltage for input read as 1
→ 0
0.74
V
GPIO input hysteresis
IH = 1, difference between 0
→ 1 and 1 → 0 points
0.33
V
TA = 25°C, VDD = 3.0 V
GPIO VOH at 8-mA load
IOCURR = 2, high-drive GPIOs only
2.68
V
GPIO VOL at 8-mA load
IOCURR = 2, high-drive GPIOs only
0.33
V
GPIO VOH at 4-mA load
IOCURR = 1
2.72
V
GPIO VOL at 4-mA load
IOCURR = 1
0.28
V
TA = 25°C, VDD = 3.8 V
GPIO pullup current
Input mode, pullup enabled, Vpad = 0 V
277
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad = VDD
113
µA
GPIO high/low input transition,
no hysteresis
IH = 0, transition between reading 0 and reading 1
1.67
V
GPIO low-to-high input transition,
with hysteresis
IH = 1, transition voltage for input read as 0
→ 1
1.94
V
GPIO high-to-low input transition,
with hysteresis
IH = 1, transition voltage for input read as 1
→ 0
1.54
V
GPIO input hysteresis
IH = 1, difference between 0
→ 1 and 1 → 0 points
0.4
V
TA = 25°C
VIH
Lowest GPIO input voltage reliably interpreted as a
«High»
0.8
VDD
VIL
Highest GPIO input voltage reliably interpreted as a
«Low»
0.2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com