Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 14 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Automatically compensated when using supplied driver libraries.
5.16 Temperature Sensor
Tc = 25°C, VDD = 3.0 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
4
°C
Range
–40
85
°C
Accuracy
±5
°C
Supply voltage coefficient(1)
3.2
°C/V
5.17 Battery Monitor
Tc = 25°C, VDD = 3.0 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
50
mV
Range
1.8
3.8
V
Accuracy
13
mV
(1)
Additionally, the bias module must be enabled when running in standby mode.
5.18 Continuous Time Comparator
Tc = 25°C, VDD = 3.0 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDD
V
External reference voltage
0
VDD
V
Internal reference voltage
DCOUPL as reference
1.27
V
Offset
3
mV
Hysteresis
<2
mV
Decision time
Step from –10 mV to +10 mV
0.72
µs
Current consumption when enabled(1)
8.6
µA
5.19 Low-Power Clocked Comparator
Tc = 25°C, VDD = 3.0 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDD
V
Clock frequency
32
kHz
Internal reference voltage, VDD / 2
1.49–1.51
V
Internal reference voltage, VDD / 3
1.01–1.03
V
Internal reference voltage, VDD / 4
0.78–0.79
V
Internal reference voltage, DCOUPL / 1
1.25–1.28
V
Internal reference voltage, DCOUPL / 2
0.63–0.65
V
Internal reference voltage, DCOUPL / 3
0.42–0.44
V
Internal reference voltage, DCOUPL / 4
0.33–0.34
V
Offset
<2
mV
Hysteresis
<5
mV
Decision time
Step from –50 mV to +50 mV
<1
clock-cycle
Current consumption when enabled
362
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com