Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Using IEEE Std 1241™-2010 for terminology and test methods.
(2)
Input signal scaled down internally before conversion, as if voltage range was 0 to 4.3 V.
(3)
No missing codes. Positive DNL typically varies from +0.3 to +3.5 depending on device, see Figure 5-24.
(4)
For a typical example, see Figure 5-25.
(5)
Applied voltage must be within absolute maximum ratings (Section 5.1) at all times.
5.15 ADC Characteristics
Tc = 25°C, VDD = 3.0 V and voltage scaling enabled, unless otherwise noted
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDD
V
Resolution
12
Bits
Sample rate
200
ksps
Offset
Internal 4.3-V equivalent reference(2)
2
LSB
Gain error
Internal 4.3-V equivalent reference(2)
2.4
LSB
DNL(3)
Differential nonlinearity
>–1
LSB
INL(4)
Integral nonlinearity
±3
LSB
ENOB
Effective number of bits
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
9.8
Bits
VDD as reference, 200 ksps, 9.6-kHz input tone
10
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
11.1
THD
Total harmonic
distortion
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
–65
dB
VDD as reference, 200 ksps, 9.6-kHz input tone
–69
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
–71
SINAD
and SNDR
Signal-to-noise and
distortion ratio
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
60
dB
VDD as reference, 200 ksps, 9.6-kHz input tone
63
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
69
SFDR
Spurious-free dynamic
range
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
67
dB
VDD as reference, 200 ksps, 9.6-kHz input tone
72
Internal 1.44-V reference, voltage scaling disabled, 32
samples average, 200 ksps, 300-Hz input tone
73
Conversion time
Serial conversion, time-to-output, 24-MHz clock
50
clock-
cycles
Current consumption
Internal 4.3-V equivalent reference(2)
0.66
mA
Current consumption
VDD as reference
0.75
mA
Reference voltage
Equivalent fixed internal reference (input voltage
scaling enabled). For best accuracy, the ADC
conversion should be initiated through the TI-RTOS™
API to include the gain or offset compensation factors
stored in FCFG1.
4.3(2)(5)
V
Reference voltage
Fixed internal reference (input voltage scaling
disabled). For best accuracy, the ADC conversion
should be initiated through the TI-RTOS API to include
the gain or offset compensation factors stored in
FCFG1. This value is derived from the scaled value
(4.3 V) as follows: Vref = 4.3 V × 1408 / 4095
1.48
V
Reference voltage
VDD as reference (Also known as RELATIVE) (input
voltage scaling enabled)
VDD
V
Reference voltage
VDD as reference (Also known as RELATIVE) (input
voltage scaling disabled)
VDD / 2.82(5)
V
Input Impedance
200 ksps, voltage scaling enabled. Capacitive input,
input impedance depends on sampling frequency and
sampling time
>1
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com