Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 19 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Frequency (MHz)
2400
2410
2420
2430
2440
2450
2460
2470
2480
-101
-100
-99
-98
-97
-96
-95
D008
Sensitivity
Frequency (MHz)
2400
2410
2420
2430
2440
2450
2460
2470
2480
-99
-98.5
-98
-97.5
-97
-96.5
-96
-95.5
-95
D009
Sensitivity
VDDS (V)
1.8
2.3
2.8
3.3
3.8
-101
-100
-99
-98
-97
-96
-95
D006
BLE Sensitivity
VDDS (V)
1.9
2.4
2.9
3.4
3.8
-101
-100
-99
-98
-97
-96
-95
D007
IEEE 802.15.4 Sensitivity
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
-99
-98
-97
-96
-95
-94
-93
D004
Sensitivity
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
-103
-102
-101
-100
-99
-98
-97
-96
-95
D005
Sensitivity
19
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
5.25 Typical Characteristics
This section contains typical performance plots measured on the CC2650F128RHB device. They are published in the
CC2650 data sheet, and the plots relevant for the CC2650MODA device are repeated here. RF performance is specified in a
single-ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C and VDD = 3.0 V, unless otherwise noted.
Figure 5-4. Bluetooth low energy Sensitivity vs Temperature
Figure 5-5. IEEE 802.15.4 Sensitivity vs Temperature
Figure 5-6. Bluetooth low energy Sensitivity
vs Supply Voltage (VDD)
Figure 5-7. IEEE 802.15.4 Sensitivity
vs Supply Voltage (VDD)
Figure 5-8. IEEE 802.15.4 Sensitivity
vs Channel Frequency
Figure 5-9. Bluetooth low energy Sensitivity
vs Channel Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com