Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 17Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Input Frequency (Hz)
200 300 500
1000 2000
5000 10000 20000
100000
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
D009
Fs= 200 kHz, No Averaging
Fs= 200 kHz, 32 samples averaging
VDDS (V)
1.8
2.3
2.8
3.3
3.8
1004.8
1005
1005.2
1005.4
1005.6
1005.8
1006
1006.2
1006.4
D012
VDDS (V)
1.8
2.3
2.8
3.3
3.8
2
2.5
3
3.5
4
4.5
5
D007
Active Mode Current
Temperature (qC)
-20
-10
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
D008
Standby Mode Current
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
2.85
2.9
2.95
3
3.05
3.1
D006
Active Mode Current
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
D016
5-dBm Setting
21
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
This section contains typical performance plots measured on the CC2650F128RHB device. They are published in the
CC2650 data sheet, and the plots relevant for the CC2650MODA device are repeated here. RF performance is specified in a
single-ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C and VDD = 3.0 V, unless otherwise noted.
Figure 5-16. TX Mode Current Consumption vs Temperature
Figure 5-17. Active Mode (MCU Running, No Peripherals)
Current Consumption vs Temperature
Figure 5-18. Active Mode (MCU Running, No Peripherals)
Current Consumption vs Supply Voltage (VDD)
Figure 5-19. Standby Mode Current Consumption
With RCOSC RTC vs Temperature
Figure 5-20. SoC ADC Effective Number of Bits vs Input
Frequency (Internal Reference)
Figure 5-21. SoC ADC Output vs Supply Voltage (Fixed Input,
Internal Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com