Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 3Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 4Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 5Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 6Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 7Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
4.2
Pin Functions
Table 4-1 describes the CC2650MODA pins.
Table 4-1. Signal Descriptions – MOH Package
PIN NAME
PIN NO.
PIN TYPE
DESCRIPTION
DIO_0
4
Digital I/O
GPIO, Sensor Controller
DIO_1
5
Digital I/O
GPIO, Sensor Controller
DIO_2
6
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_3
7
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_4
8
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_5/JTAG_TDO
11
Digital I/O
GPIO, high-drive capability, JTAG_TDO
DIO_6/JTAG_TDI
12
Digital I/O
GPIO, high-drive capability, JTAG_TDI
DIO_7
14
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_8
15
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_9
16
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_10
17
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_11
18
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_12
19
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_13
20
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
DIO_14
21
Digital I/O, Analog I/O
GPIO, Sensor Controller, analog
EGP
G1, G2, G3, G4
Power
Ground – Exposed ground pad
GND
1, 3, 25
—
Ground
JTAG_TCK
10
Digital I/O
JTAG TCKC
JTAG_TMS
9
Digital I/O
JTAG TMSC, high-drive capability
NC
2, 24
NC
Not Connected—TI recommends leaving these pins floating
nRESET
13
Digital input
Reset, active low. No internal pullup
VDD
22, 23
Power
1.8-V to 3.8-V main chip supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com