Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 23 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Main CPU:
128-KB
Flash
Sensor Controller
cJTAG
20-KB
SRAM
ROM
ARM
®
Cortex
®-M3
DC-DC converter
RF core
ARM
®
Cortex
®-M0
DSP Modem
4-KB
SRAM
ROM
Sensor Controller Engine
2× Analog Comparators
12-bit ADC, 200 ks/s
Constant Current Source
SPI / I2C Digital Sensor IF
2-KB SRAM
Time-to-Digital Converter
General Peripherals / Modules
4× 32-bit Timers
2× SSI (SPI, µWire, TI)
Watchdog Timer
Temp. / Batt. Monitor
RTC
I2C
UART
I2S
15 GPIOs
AES
32 ch. µDMA
ADC
ADC
Digital PLL
SimpleLink
TM CC2650MOD Wireless MCU Module
TRNG
8-KB
Cache
24-MHz Crystal
Oscillator
32.768-kHz
Crystal
Oscillator
RF Balun
Copyright © 2016, Texas Instruments Incorporated
23
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
6
Detailed Description
6.1
Overview
Figure 6-1 shows the core modules of the CC2650MODA device.
6.2
Functional Block Diagram
Figure 6-1. CC2650MODA Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com