Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 6Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 7Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
5.6
Antenna
Tc = 25°C, VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Polarization
Linear
Peak Gain
2450 MHz
1.26
dBi
Efficiency
2450 MHz
57%
(1)
Numbers given as I/C dB
(2)
X / Y, where X is +N MHz and Y is –N MHz
(3)
Excluding one exception at Fwanted / 2, per Bluetooth Specification
5.7
1-Mbps GFSK (Bluetooth low energy) – RX
RF performance is specified in a single ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C,
VDD = 3.0 V, fRF = 2440 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity
BER = 10–3
–97
dBm
Receiver saturation
BER = 10–3
4
dBm
Frequency error tolerance
Difference between center frequency of the received RF signal
and local oscillator frequency.
–350
350
kHz
Data rate error tolerance
–750
750
ppm
Co-channel rejection(1)
Wanted signal at –67 dBm, modulated interferer in channel,
BER = 10–3
–6
dB
Selectivity, ±1 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±1 MHz,
BER = 10–3
7 / 3(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±2 MHz,
BER = 10–3
29 / 23(2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±3 MHz,
BER = 10–3
38 / 26(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±4 MHz,
BER = 10–3
42 / 29(2)
dB
Selectivity, ±5 MHz or more(1)
Wanted signal at –67 dBm, modulated interferer at
≥ ±5 MHz,
BER = 10–3
32
dB
Selectivity, Image frequency(1)
Wanted signal at –67 dBm, modulated interferer at image
frequency, BER = 10–3
23
dB
Selectivity,
Image frequency ±1 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±1 MHz from
image frequency, BER = 10–3
3 / 26(2)
dB
Out-of-band blocking(3)
30 MHz to 2000 MHz
–20
dBm
Out-of-band blocking
2003 MHz to 2399 MHz
–5
dBm
Out-of-band blocking
2484 MHz to 2997 MHz
–8
dBm
Out-of-band blocking
3000 MHz to 12.75 GHz
–8
dBm
Intermodulation
Wanted signal at 2402 MHz, –64 dBm. Two interferers at 2405
and 2408 MHz respectively, at the given power level
–34
dBm
Spurious emissions,
30 MHz to 1000 MHz
Conducted measurement in a 50-Ω single-ended load. Suitable
for systems targeting compliance with EN 300 328, EN 300 440
class 2, FCC CFR47, Part 15 and ARIB STD-T-66
–71
dBm
Spurious emissions,
1 GHz to 12.75 GHz
Conducted measurement in a 50-Ω single-ended load. Suitable
for systems targeting compliance with EN 300 328, EN 300 440
class 2, FCC CFR47, Part 15 and ARIB STD-T-66
–62
dBm
RSSI dynamic range
70
dB
RSSI accuracy
±4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com