Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 1 Page - Texas Instruments

  CC2650MODAMOHT Datasheet HTML 1Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 2Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 3Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 4Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 5Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 6Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 7Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
CC2650MODA SimpleLink™ Bluetooth® low energy Wireless MCU Module
1
Device Overview
1
1.1
Features
1
• Microcontroller
– Powerful ARM® Cortex®-M3
– EEMBC CoreMark® Score: 142
– Up to 48-MHz Clock Speed
– 128KB of In-System Programmable Flash
– 8KB of SRAM for Cache
– 20KB of Ultra-Low-Leakage SRAM
– 2-Pin cJTAG and JTAG Debugging
– Supports Over-The-Air (OTA) Upgrade
• Ultra-Low-Power Sensor Controller
– Can Run Autonomous From the Rest of the
System
– 16-Bit Architecture
– 2KB of Ultra-Low-Leakage SRAM for
Code and Data
• Efficient Code Size Architecture, Placing Drivers,
Bluetooth® low energy Controller, IEEE® 802.15.4
Medium Access Control (MAC), and Bootloader in
ROM
• Integrated Antenna
• Peripherals
– All Digital Peripheral Pins Can Be Routed to
Any GPIO
– Four General-Purpose Timer Modules
(8 × 16-Bit or 4 × 32-Bit Timer, PWM Each)
– 12-Bit ADC, 200-ksamples/s, 8-Channel
Analog MUX
– Continuous Time Comparator
– Ultra-Low-Power Analog Comparator
– Programmable Current Source
– UART
– 2 × SSI (SPI, MICROWIRE, TI)
– I2C
– I2S
– Real-Time Clock (RTC)
– AES-128 Security Module
– True Random Number Generator (TRNG)
– 15 GPIOs
– Support for Eight Capacitive Sensing Buttons
– Integrated Temperature Sensor
• External System
– On-Chip Internal DC-DC Converter
– No External Components Needed, Only Supply
Voltage
• Low Power
– Wide Supply Voltage Range
•
Operation from 1.8 to 3.8 V
– Active-Mode RX: 6.2 mA
– Active-Mode TX at 0 dBm: 6.8 mA
– Active-Mode TX at +5 dBm: 9.4 mA
– Active-Mode MCU: 61 µA/MHz
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode Sensor Controller:
0.4 mA + 8.2 µA/MHz
– Standby: 1 µA (RTC Running and RAM/CPU
Retention)
– Shutdown: 100 nA (Wake Up on External
Events)
• RF Section
– 2.4-GHz RF Transceiver Compatible With
Bluetooth low energy (BLE) 4.2 Specification
and IEEE 802.15.4 PHY and MAC
– Excellent Receiver Sensitivity (–97 dBm for
Bluetooth low energy and –100 dBm for
802.15.4), Selectivity, and Blocking
Performance
– Programmable Output Power up to +5 dBm
– Pre-certified for Compliance With Worldwide
Radio Frequency Regulations
•
ETSI (Europe)
•
IC (Canada)
•
FCC (USA)
•
ARIB STD-T66 (Japan)
•
JATE (Japan)
• Tools and Development Environment
– Full-Feature and Low-Cost Development Kits
– Multiple Reference Designs for Different RF
Configurations
– Packet Sniffer PC Software
– Sensor Controller Studio
– SmartRF™ Studio
– SmartRF Flash Programmer 2
– IAR Embedded Workbench® for ARM
– Code Composer Studio™


Similar Part No. - CC2650MODAMOHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2650MODA TI-CC2650MODA Datasheet
2Mb / 72P
CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
More results

Similar Description - CC2650MODAMOHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
logo
Taiyo Yuden (U.S.A.), I...
EYSGCNZWY TAIYO-YUDEN-EYSGCNZWY Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module
May 30, 2018 Version 1.8
EYSGJNAWY-WX TAIYO-YUDEN-EYSGJNAWY-WX Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSHSNZWZ TAIYO-YUDEN-EYSHSNZWZ Datasheet
3Mb / 31P
Wireless Module Bluetooth??low energy Module Overview
May 30, 2018 Version 1.8
EYSNSNZWW TAIYO-YUDEN-EYSNSNZWW Datasheet
3Mb / 45P
Wireless Module Bluetooth??low energy Module Overview
May 11, 2020 Version 3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com