Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 18Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 19Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADC Code
0
200
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3200 3400 3600 3800 4000 4200
-4
-3
-2
-1
0
1
2
3
D011
ADC Code
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
D010
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
1004.5
1005
1005.5
1006
1006.5
1007
1007.5
D013
Sampling Frequency (Hz)
9.6
9.7
9.8
9.9
10
10.1
10.2
10.3
10.4
10.5
1k
10k
100k
200k
D009A
ENOB Internal Reference (No Averaging)
ENOB Internal Reference (32 Samples Averaging)
22
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
This section contains typical performance plots measured on the CC2650F128RHB device. They are published in the
CC2650 data sheet, and the plots relevant for the CC2650MODA device are repeated here. RF performance is specified in a
single-ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C and VDD = 3.0 V, unless otherwise noted.
Figure 5-22. SoC ADC Output vs Temperature (Fixed Input,
Internal Reference)
Figure 5-23. SoC ADC ENOB vs Sampling Frequency
(Input Frequency = FS / 10)
Figure 5-24. SoC ADC DNL vs ADC Code (Internal Reference)
Figure 5-25. SoC ADC INL vs ADC Code (Internal Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com