Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 27 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 28Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 29Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 30Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
(1)
Not including RTOS overhead
(2)
The Brown Out Detector is disabled between recharge periods in STANDBY. Lowering the supply voltage below the BOD threshold
between two recharge periods while in STANDBY may cause the BOD to lock the device upon wake-up until a Reset or POR releases
it. To avoid this, TI recommends that STANDBY mode is avoided if there is a risk that the supply voltage (VDD) may drop below the
specified operating voltage range. For the same reason, it is also good practice to ensure that a power cycling operation, such as a
battery replacement, triggers a Power-on-reset by ensuring that the VDD decoupling network is fully depleted before applying supply
voltage again (for example, inserting new batteries).
6.8
Power Management
To minimize power consumption, the CC2650MODA device supports a number of power modes and
power-management features (see Table 6-2).
Table 6-2. Power Modes
MODE
SOFTWARE-CONFIGURABLE POWER MODES
RESET PIN
HELD
ACTIVE
IDLE
STANDBY
SHUTDOWN
CPU
Active
Off
Off
Off
Off
Flash
On
Available
Off
Off
Off
SRAM
On
On
On
Off
Off
Radio
Available
Available
Off
Off
Off
Supply System
On
On
Duty Cycled
Off
Off
Current
1.45 mA + 31 µA/MHz
550 µA
1 µA
0.15 µA
0.1 µA
Wake-up time to CPU active(1)
–
14 µs
151 µs
1015 µs
1015 µs
Register retention
Full
Full
Partial
No
No
SRAM retention
Full
Full
Full
No
No
High-speed clock
XOSC_HF or
RCOSC_HF
XOSC_HF or
RCOSC_HF
Off
Off
Off
Low-speed clock
XOSC_LF or
RCOSC_LF
XOSC_LF or
RCOSC_LF
XOSC_LF or
RCOSC_LF
Off
Off
Peripherals
Available
Available
Off
Off
Off
Sensor Controller
Available
Available
Available
Off
Off
Wake up on RTC
Available
Available
Available
Off
Off
Wake up on pin edge
Available
Available
Available
Available
Off
Wake up on reset pin
Available
Available
Available
Available
Available
Brown Out Detector (BOD)
Active
Active
Duty Cycled(2)
Off
N/A
Power On Reset (POR)
Active
Active
Active
Active
N/A
In active mode, the application CM3 CPU is actively executing code. Active mode provides normal
operation of the processor and all of the peripherals that are currently enabled. The system clock can be
any available clock source (see Table 6-2).
In idle mode, all active peripherals can be clocked, but the Application CPU core and memory are not
clocked and no code is executed. Any interrupt event will bring the processor back into active mode.
In standby mode, only the always-on domain (AON) is active. An external wake event, RTC event, or
sensor-controller event is required to bring the device back to active mode. MCU peripherals with retention
do not need to be reconfigured when waking up again, and the CPU continues execution from where it
went into standby mode. All GPIOs are latched in standby mode.
In shutdown mode, the device is turned off entirely, including the AON domain and the Sensor Controller.
The I/Os are latched with the value they had before entering shutdown mode. A change of state on any
I/O pin, defined as a wake from Shutdown pin, wakes up the device and functions as a reset trigger. The
CPU can differentiate between a reset in this way, a reset-by-reset pin, or a power-on-reset by reading the
reset status register. The only state retained in this mode is the latched I/O state and the flash memory
contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com