Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 7Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan)
5.8
1-Mbps GFSK (Bluetooth low energy) – TX
RF performance is specified in a single ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C,
VDD = 3.0 V, fRF = 2440 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output power, highest setting
5
dBm
Output power, lowest setting
–21
dBm
Spurious emission conducted
measurement(1)
f < 1 GHz, outside restricted bands
–43
dBm
f < 1 GHz, restricted bands ETSI
–58
f < 1 GHz, restricted bands FCC
–57
f > 1 GHz, including harmonics
–45
5.9
IEEE 802.15.4 (Offset Q-PSK DSSS, 250 kbps) – RX
RF performance is specified in a single ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C,
VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity
PER = 1%
–100
dBm
Receiver saturation
PER = 1%
–7
dBm
Adjacent channel rejection
Wanted signal at –82 dBm, modulated interferer at ±5 MHz,
PER = 1%
35
dB
Alternate channel rejection
Wanted signal at –82 dBm, modulated interferer at ±10 MHz,
PER = 1%
52
dB
Channel rejection, ±15 MHz or
more
Wanted signal at –82 dBm, undesired signal is IEEE 802.15.4
modulated channel, stepped through all channels 2405 to
2480 MHz, PER = 1%
57
dB
Blocking and desensitization,
5 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
64
dB
Blocking and desensitization,
10 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
64
dB
Blocking and desensitization,
20 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
65
dB
Blocking and desensitization,
50 MHz from upper band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
68
dB
Blocking and desensitization,
–5 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
63
dB
Blocking and desensitization,
–10 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
63
dB
Blocking and desensitization,
–20 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
65
dB
Blocking and desensitization,
–50 MHz from lower band edge
Wanted signal at –97 dBm (3 dB above the sensitivity level),
CW jammer, PER = 1%
67
dB
Spurious emissions,
30 MHz to 1000 MHz
Conducted measurement in a 50-Ω single-ended load.
Suitable for systems targeting compliance with EN 300 328,
EN 300 440 class 2, FCC CFR47, Part 15 and ARIB STD-T-
66
–71
dBm
Spurious emissions,
1 GHz to 12.75 GHz
Conducted measurement in a 50-Ω single-ended load.
Suitable for systems targeting compliance with EN 300 328,
EN 300 440 class 2, FCC CFR47, Part 15 and ARIB STD-T-
66
–62
dBm
Frequency error tolerance
Difference between center frequency of the received RF
signal and local oscillator frequency
>200
ppm
RSSI dynamic range
100
dB
RSSI accuracy
±4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com