Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 26 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 28Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 29Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
(1)
Up to 13 pins can be connected to the Sensor Controller. Up to eight
of these pins can be connected to analog modules
Table 6-1. GPIOs Connected to the Sensor Controller(1)
ANALOG CAPABLE
16.9 × 11 MOH DIO NUMBER
Y
14
Y
13
Y
12
Y
11
Y
9
Y
10
Y
8
Y
7
N
4
N
3
N
2
N
1
N
0
6.6
Memory
The flash memory provides nonvolatile storage for code and data. The flash memory is in-system
programmable.
The SRAM (static RAM) can be used for both storage of data and execution of code and is split into two
4-KB blocks and two 6-KB blocks. Retention of the RAM contents in standby mode can be enabled or
disabled individually for each block to minimize power consumption. In addition, if flash cache is disabled,
the 8KB of cache can be used as a general-purpose RAM.
The ROM provides preprogrammed embedded TI-RTOS kernel, Driverlib and lower layer protocol stack
software (802.15.4 MAC and Bluetooth low energy Controller). The ROM also contains a bootloader that
can be used to reprogram the device using SPI or UART.
6.7
Debug
The on-chip debug support is done through a dedicated cJTAG (IEEE 1149.7) or JTAG (IEEE 1149.1)
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com