Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 24 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 20Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
6.3
Main CPU
The SimpleLink CC2650MODA wireless MCU contains an ARM Cortex-M3 (CM3) 32-bit CPU, which runs
the application and the higher layers of the protocol stack.
The CM3 processor provides a high-performance, low-cost platform that meets the system requirements
of
minimal
memory
implementation,
and
low-power
consumption,
while
delivering
outstanding
computational performance and exceptional system response to interrupts.
CM3 features include:
•
32-bit ARM Cortex-M3 architecture optimized for small-footprint embedded applications
•
Outstanding processing performance combined with fast interrupt handling
•
ARM Thumb®-2 mixed 16- and 32-bit instruction set delivers the high performance expected of a 32-bit
ARM core in a compact memory size usually associated with 8- and 16-bit devices, typically in the
range of a few kilobytes of memory for microcontroller-class applications:
–
Single-cycle multiply instruction and hardware divide
–
Atomic bit manipulation (bit-banding), delivering maximum memory use and streamlined peripheral
control
–
Unaligned data access, enabling data to be efficiently packed into memory
•
Fast code execution permits slower processor clock or increases sleep mode time
•
Harvard architecture characterized by separate buses for instruction and data
•
Efficient processor core, system, and memories
•
Hardware division and fast digital-signal-processing oriented multiply accumulate
•
Saturating arithmetic for signal processing
•
Deterministic, high-performance interrupt handling for time-critical applications
•
Enhanced system debug with extensive breakpoint and trace capabilities
•
Serial wire trace reduces the number of pins required for debugging and tracing
•
Migration from the ARM7™ processor family for better performance and power efficiency
•
Optimized for single-cycle flash memory use
•
Ultra-low-power consumption with integrated sleep modes
•
1.25 DMIPS per MHz
6.4
RF Core
The RF core contains an ARM Cortex-M0 processor that interfaces the analog RF and base-band
circuitries, handles data to and from the system side, and assembles the information bits in a given packet
structure. The RF core offers a high-level, command-based API to the main CPU.
The RF core can autonomously handle the time-critical aspects of the radio protocols (802.15.4 RF4CE
and ZigBee, Bluetooth low energy) thus offloading the main CPU and leaving more resources for the user
application.
The RF core has a dedicated 4-KB SRAM block and runs initially from separate ROM memory. The ARM
Cortex-M0 processor is not programmable by customers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com