Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 10Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 11Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 12Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 13Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 14Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 15Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan)
5.10 IEEE 802.15.4 (Offset Q-PSK DSSS, 250 kbps) – TX
RF performance is specified in a single ended 50-Ω reference plane at the antenna feeding point with Tc = 25°C,
VDD = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output power, highest setting
5
dBm
Output power, lowest setting
–21
dBm
Error vector magnitude
At maximum output power
2%
Spurious emission conducted
measurement(1)
f < 1 GHz, outside restricted bands
–43
dBm
f < 1 GHz, restricted bands ETSI
–58
f < 1 GHz, restricted bands FCC
–57
f > 1 GHz, including harmonics
–45
(1)
Probing or otherwise stopping the XTAL while the DC-DC converter is enabled may cause permanent damage to the device.
(2)
Includes initial tolerance of the crystal, drift over temperature, aging and frequency pulling due to incorrect load capacitance. As per
Bluetooth and IEEE 802.15.4 specification
(3)
Kick-started based on a temperature and aging compensated RCOSC_HF using precharge injection
5.11 24-MHz Crystal Oscillator (XOSC_HF)
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
24
MHz
Crystal frequency tolerance(2)
–40
40
ppm
Start-up time(3)
150
µs
5.12 32.768-kHz Crystal Oscillator (XOSC_LF)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Initial crystal frequency tolerance, Bluetooth
low energy applications
Tc = 25°C
–20
20
ppm
Crystal aging
-3
3
ppm/year
(1)
Accuracy relatively to the calibration source (XOSC_HF).
5.13 48-MHz RC Oscillator (RCOSC_HF)
Tc = 25°C, VDD = 3.0 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1%
Calibrated frequency accuracy(1)
±0.25%
Start-up time
5
µs
5.14 32-kHz RC Oscillator (RCOSC_LF)
Tc = 25°C, VDD = 3.0 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Calibrated frequency
32.8
kHz
Temperature coefficient
50
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com