Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 2 Page - Texas Instruments

  CC2650MODAMOHT Datasheet HTML 1Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 2Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 3Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 4Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 5Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 6Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 7Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 8Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
CC2650MODA
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Device Overview
Copyright © 2016, Texas Instruments Incorporated
1.2
Applications
•
Building Automation
•
Medical and Health
•
Appliances
•
Industrial
•
Consumer Electronics
•
Proximity Tags
•
Alarm and Security
•
Remote Controls
•
Wireless Sensor Networks
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
1.3
Description
The SimpleLink™ CC2650MODA device is a wireless microcontroller (MCU) module that targets
Bluetooth® low energy applications. The CC2650MODA device can also run ZigBee® and 6LoWPAN and
ZigBee RF4CE™ remote control applications.
The module is based on the SimpleLink CC2650 wireless MCU, a member of the CC26xx family of cost-
effective, ultra-low-power, 2.4-GHz RF devices. Very-low active RF and MCU current and low-power mode
current consumption provide excellent battery lifetime and allow for operation on small coin-cell batteries
and in energy-harvesting applications.
The CC2650MODA module contains a 32-bit ARM Cortex-M3 processor that runs at 48 MHz as the main
processor and a rich peripheral feature set that includes a unique ultra-low-power sensor controller. This
sensor controller is good for interfacing with external sensors or for collecting analog and digital data
autonomously while the rest of the system is in sleep mode. Thus, the CC2650MODA device is good for
applications within a wide range of products including industrial, consumer electronics, and medical
devices.
The CC2650MODA module is pre-certified for operation under the regulations of the FCC, IC, ETSI, and
ARIB. These certifications save significant cost and effort for customers when integrating the module into
their products.
The Bluetooth low energy controller and the IEEE 802.15.4 MAC are embedded in the ROM and are partly
running on a separate ARM® Cortex®-M0 processor. This architecture improves overall system
performance and power consumption and makes more flash memory available.
The Bluetooth low energy software stack (BLE-Stack) and the ZigBee software stack ( Z-Stack™) are
available free of charge.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC2650MODAMOH
MOH (Module)
16.90 mm × 11.00 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com