Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2650MODAMOHT Datasheet(PDF) 25 Page - Texas Instruments

Part # CC2650MODAMOHT
Description  Low energy Wireless MCU Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650MODAMOHT Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC2650MODAMOHT Datasheet HTML 21Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 22Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 23Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 24Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 25Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 26Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 27Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 28Page - Texas Instruments CC2650MODAMOHT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
CC2650MODA
www.ti.com
SWRS187A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: CC2650MODA
Detailed Description
Copyright © 2016, Texas Instruments Incorporated
6.5
Sensor Controller
The Sensor Controller contains circuitry that can be selectively enabled in standby mode. The peripherals
in this domain may be controlled by the Sensor Controller Engine, which is a proprietary power-optimized
CPU. This CPU can read and monitor sensors or perform other tasks autonomously, thereby significantly
reducing power consumption and offloading the main CM3 CPU.
The Sensor Controller is set up using a PC-based configuration tool, called Sensor Controller Studio, and
typical use cases may be (but are not limited to):
•
Analog sensors using integrated ADC
•
Digital sensors using GPIOs and bit-banged I2C or SPI
•
UART communication for sensor reading or debugging
•
Capacitive sensing
•
Waveform generation
•
Pulse counting
•
Keyboard scan
•
Quadrature decoder for polling rotation sensors
•
Oscillator calibration
The peripherals in the Sensor Controller include the following:
•
The low-power clocked comparator can be used to wake the device from any state in which the
comparator is active. A configurable internal reference can be used with the comparator. The output of
the comparator can also be used to trigger an interrupt or the ADC.
•
Capacitive sensing functionality is implemented through the use of a constant current source, a time-
to-digital converter, and a comparator. The continuous time comparator in this block can also be used
as a higher-accuracy alternative to the low-power clocked comparator. The Sensor Controller will take
care of baseline tracking, hysteresis, filtering and other related functions.
•
The ADC is a 12-bit, 200-ksamples/s ADC with eight inputs and a built-in voltage reference. The ADC
can be triggered by many different sources, including timers, I/O pins, software, the analog
comparator, and the RTC.
•
The Sensor Controller also includes a SPI/I2C digital interface.
•
The analog modules can be connected to up to eight different GPIOs.
The peripherals in the Sensor Controller can also be controlled from the main application processor.
Table 6-1 lists the GPIOs that are connected to the Sensor Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com