Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 282 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 282 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 278Page - National Semiconductor (TI) PC87591L Datasheet HTML 279Page - National Semiconductor (TI) PC87591L Datasheet HTML 280Page - National Semiconductor (TI) PC87591L Datasheet HTML 281Page - National Semiconductor (TI) PC87591L Datasheet HTML 282Page - National Semiconductor (TI) PC87591L Datasheet HTML 283Page - National Semiconductor (TI) PC87591L Datasheet HTML 284Page - National Semiconductor (TI) PC87591L Datasheet HTML 285Page - National Semiconductor (TI) PC87591L Datasheet HTML 286Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
www.national.com
282
Revision 1.07
5.1.4
Core Interface Registers
Some register bits affect PM channel 1 to achieve firmware compatibility with the PC87570.
For a summary of the abbreviations used for Register Type, see Section 2 on page 34.
Core Interface Register Map
Host Interface Control Register (HICTRL)
The HICTRL is used in setting host interface mechanism options. On reset, non-reserved bits of HICTRL are cleared.
Location: 00 FEA016
Type: R/W
Mnemonic
Register Name
Type
HICTRL
Host Interface Control
R/W
HIIRQC
Host Interface IRQ Control
R/W
HIKMST
Host Interface Keyboard/Mouse Status
R/W
HIKDO
Host Interface Keyboard Data Out Buffer
WO
HIMDO
Host Interface Mouse Data Out Buffer
WO
HIKMDI
Host Interface Keyboard/Mouse Data In Buffer
RO
Bit
76543210
Name
Reserved
PMICIE
PMIOCIE
PMIHIE
IBFCIE
OBECIE
OBFMIE
OBFKIE
Reset
00000000
Bit
Description
0
OBFKIE (Output Buffer Full Keyboard Interrupt Enable).
0: IRQ1 is controlled by IRQ1B bit in HIIRQC register
1: Enables the Output Buffer Full interrupt to the keyboard driver of the host processor (IRQ1). The interrupt is
triggered by a core write to HIKDO register and sent according to IRQM field and IRQNPOL bit in HIIRQC reg-
ister.
1
OBFMIE (Output Buffer Full Mouse Interrupt Enable).
0: IRQ12 is controlled by IRQ12B bit in HIIRQC register
1: Enables the Output Buffer Full interrupt to the mouse driver in the host processor (IRQ12). The interrupt is trig-
gered by the core write to HIMDO register and sent according to IRQM field and IRQNPOL bit in HIIRQC reg-
ister.
2
OBECIE (Output Buffer Empty Core Interrupt Enable).
0: Interrupt signal is low
1: Enables the Output Buffer Empty interrupt to the core ICU for the keyboard/mouse channel. The interrupt signal
is active when the output buffer is empty (i.e., the interrupt signal is set (1) when OBF bit is cleared).
3
IBFCIE (Input Buffer Full Core Interrupt Enable).
0: Interrupt signal is low
1: Enables the Input Buffer Full interrupt to the core ICU for the keyboard/mouse channel. The interrupt signal is
active when the input buffer is full (i.e., the interrupt signal is set (1) when IBF bit is set).
4
PMIHIE (PMI Channel 1 Host Interrupt Enable).
0: IRQ11 is controlled by IRQ11B bit in HIIRQC register
1: Enables the Output Buffer Full interrupt of PM channel 1 in PC87570 Compatible mode, to drive the host pro-
cessor interrupt. The interrupt is noted as IRQ11 and may be routed to any of the IRQs, to SMI or to the SCI
events. The interrupt is triggered by a core write to HIPM0DO register and sent according to IRQM field and
IRQNPOL bit in HIIRQC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com