Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 286 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 286 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 282Page - National Semiconductor (TI) PC87591L Datasheet HTML 283Page - National Semiconductor (TI) PC87591L Datasheet HTML 284Page - National Semiconductor (TI) PC87591L Datasheet HTML 285Page - National Semiconductor (TI) PC87591L Datasheet HTML 286Page - National Semiconductor (TI) PC87591L Datasheet HTML 287Page - National Semiconductor (TI) PC87591L Datasheet HTML 288Page - National Semiconductor (TI) PC87591L Datasheet HTML 289Page - National Semiconductor (TI) PC87591L Datasheet HTML 290Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
www.national.com
286
Revision 1.07
5.2.2
General Description
The PM channel has two modes of operation:
●
PC87570 Compatible (available for channel 1 only) supports software previously written for the PC87570.
●
Enhanced PM includes a mechanism that facilitates easier generation of SCI and SMI interrupts to the host.
Figure 95 is a schematic diagram of the PM channel.
Data Registers
The PM channel has three registers.
●
DBBOUT - can be written to by the core and read by the host processor. Multiple addresses in the core address
space enable generating an IRQ, SMI or SCI interrupt on Output Buffer Full (OBF).
●
DBBIN - can be written to by the host processor and read by the core.
●
STATUS - can be read by both the core and the host processor. It has five bits (bits 2 and 4-7) that are written to by
the core directly or, in Enhanced PM mode, via the control and configuration register. Three other bits are controlled
by hardware to indicate the status of DBBIN and DBBOUT registers.
Host Addresses
The host processor accesses the PC87591x PM channel interface registers at two addresses in the host address space.
These addresses are defined by two internal chip select signals specified in the PC87591x Host configuration registers; see
Section 6.1.13 on page 355 and Section 6.1.14 for channels 1 and 2, respectively. Legacy setting of these addresses is 6216
and 6616 for channel 1 Status/Command and Data registers, respectively.
Table 43 shows the register mapping to the host processor I/O space. For simplicity, the Host Interface module specification
refers to the legacy addresses.
DBBIN
DBBOUT
Status
D0-7
D0-7
IRQ
Peripheral Bus
SIB Bus
Input Buffer
Full
Output Buffer
Empty
Interrupts to the Core
Interrupt to the Host Processor
Host-WR-Data Buffer
Host-RD-Data-Buffer
Figure 95. Host Interface PM Channel n Block Diagram
SMI SCI
Command/Status
or Data
WR-PM
RD-PM
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com