Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 289 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 289 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 285Page - National Semiconductor (TI) PC87591L Datasheet HTML 286Page - National Semiconductor (TI) PC87591L Datasheet HTML 287Page - National Semiconductor (TI) PC87591L Datasheet HTML 288Page - National Semiconductor (TI) PC87591L Datasheet HTML 289Page - National Semiconductor (TI) PC87591L Datasheet HTML 290Page - National Semiconductor (TI) PC87591L Datasheet HTML 291Page - National Semiconductor (TI) PC87591L Datasheet HTML 292Page - National Semiconductor (TI) PC87591L Datasheet HTML 293Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
Revision 1.07
289
www.national.com
When data is written to HIPMnDOM register, the OBF flag and the internal OBF_SMI flag are set and an SMI interrupt is
generated. The OBF_SMI flag is cleared when OBF flag is cleared. The SMI is generated as a pulse whose width is defined
by PLMM in HPIMnIC register.
The SMI interrupt is routed to the SMI pin only if both HSMIE and SMIE bits in HIPMnIE register are set. When SMIE is set
and HSMIE is cleared, SMIB in HIPMnIC register is used as the PMnSMI signal value. When SMIE is cleared, the PMnSMI
signal is inactive (high).
When data is written to HIPMnDOC register, the OBF flag and OBF_SCI internal flag are set and an SCI interrupt is gener-
ated. OBF_SCI is cleared when OBF is cleared. The SCI is generated as a pulse whose width is defined by PLMS in
HPIMnCTL register.
When data is read from HIPMnDIC register, the IBF flag is cleared, the IBF_SCI Internal flag is set and an SCI interrupt is
generated. The IBF_SCI flag is cleared when the IBF is set again. The SCI is generated as a pulse whose width is defined
by PLMS in HPIMnCTL register. Reading from HIPnDI register clears the IBF flag but does not generate an SCI interrupt.
Note that IBF_SCI flag may also be set by writing a 1 to SCIIS bit in HIPMnIC register. This is done to start an SCI interrupt
on input buffer empty without a read operation from the input buffer.
The SCI interrupt is routed to the SCI pin only if HSCIE and SCIE in HIPMnIE register are set. When SCIE is set and HSCIE
is cleared, the value of SCIB in HIPMnIC register is used as the PMnSCI signal value. When SCIE is cleared, PMnSCI is
inactive (high).
Status Read
The status of the PM channel data buffers can be read by both the host and the core. Bits 2 and 4-7 can be written by the core.
The host processor should read the Status register I/O address (legacy 6616, for channel 1) to obtain the contents of the Status
register. The core software should read/write the HIPMnST register to access the same information. The format of the Status
register is identical for both the host and the core; see “Host Interface PM n Status Register (HIPMnST)” on page 291.
Hardware
IRQM field (HIIRQC)
Interrupt
IRQNPOL bit (HIIRQC)
1
0
IRQB bit (HIPMnIC)
1
0
IRQB bit (HIPMnIC)
(Part of
Module)
IRQ
and
IRQE bit (HIPMnIE)
SMIE bit (HIPMnIE)
Gathering
SMI
OBF bit
SuperI/O
Config
Routing
Polarity
IRQ
Serializer
IRQB bit (HIPMnIC)
HIPMnDOM (write)
HIPMnDI (read)
HIPMnDO (write)
HIPMnDIC (read)
set OBF_no_int
set OBF_SMI
HIPMnDOC (write)
set OBF_SCI
clear IBF bit (HIPMnST)
1
0
1
0
SMIB bit (HIPMnIC)
SCIB bit (HIPMnIC)
Pulse Shape
Figure 98. IRQ, SCI and SMI Control, Enhanced PM Mode
PLMM field (HIPMnIC)
PLMS field (HIPMnCTL)
HSMIE bit (HIPMnIE)
HSCIE bit (HIPMnIE)
HIRQE bit (HIPMnIE)
PMnSMI
Pulse Shape
0
1
0
1
Source
ECSCI
set IBF_SCI
SCIIS bit (HPMnIC)
(write 1)
SMIPOL bit (HIPMnIC)
SCIPOL bit (HIPMnCTL)
SCIE bit
PMnECSCI of
other channel
PMnECSCI
SCIB bit (HIPMnIC) (read)
SMIB bit (HIPMnIC)
(write)
(read)
(HIPMnIE)
(HIPMnST)
(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com