Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 285 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 285 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 281Page - National Semiconductor (TI) PC87591L Datasheet HTML 282Page - National Semiconductor (TI) PC87591L Datasheet HTML 283Page - National Semiconductor (TI) PC87591L Datasheet HTML 284Page - National Semiconductor (TI) PC87591L Datasheet HTML 285Page - National Semiconductor (TI) PC87591L Datasheet HTML 286Page - National Semiconductor (TI) PC87591L Datasheet HTML 287Page - National Semiconductor (TI) PC87591L Datasheet HTML 288Page - National Semiconductor (TI) PC87591L Datasheet HTML 289Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
Revision 1.07
285
www.national.com
Host Interface Mouse Data Out Buffer Register (HIMDO)
The HIMDO register allows the core firmware to write to the DBBOUT register while setting OBF bit in the Status register. If
an IRQ12 interrupt is enabled, it is sent. If the core interrupt on output buffer empty is enabled (OBECIE in HICTRL register
is 1), writing to HIMDO de-asserts it (low).
Location: 00 FEA816
Type: WO
Host Interface Keyboard/Mouse Data In Buffer Register (HIKMDI)
The HIKMDI register allows the core firmware to read to the DBBIN register while clearing IBF bit in the Status register. If
the core interrupt on IBF is enabled (IBFCIE in HICTRL register is 1). Reading from HIKMDI de-asserts it (low).
Location: 00 FEAA16
Type: RO
5.2
POWER MANAGEMENT (PM) CHANNELS
The PC87591x implements two PM communication channels, both of which are compliant with ACPI specifications for an
embedded controller interface. The PC87591x may be configured to work in either Private Interface or Shared Interface
mode. The PM interface has two identical channels, which are individually configured and used. If using only one channel,
Shared Interface mode should be used; if using both channels, Private Interface mode may be used.
The description below refers to a single channel. The signals may have the suffix ‘n’ to indicate the channel number, either
1 or 2, where applicable. Registers in the core domain have the prefix HIPMn to indicate the channel number. Host domain
registers are identified by the logical device to which they belong.
Note: When working in PC87570 Compatible mode, only channel 1 may be used.
5.2.1
Features
●
Two operation modes
— PC87570 Compatible
— Enhanced PM
●
ACPI embedded controller interface compliant support
— Shared interface
— Private interface
●
PM channel registers (legacy 6216,6616)
— Command/Status
— Data
●
PM interrupt using
— IRQ
— SMI
— SCI
Bit
76543210
Name
Mouse DBBOUT Data
Bit
Description
7-0
Mouse DBBOUT Data.
Bit
76543210
Name
Keyboard/Mouse DBBIN Data
Bit
Description
7-0
Keyboard/Mouse DBBIN Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com