Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 284 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 284 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 280Page - National Semiconductor (TI) PC87591L Datasheet HTML 281Page - National Semiconductor (TI) PC87591L Datasheet HTML 282Page - National Semiconductor (TI) PC87591L Datasheet HTML 283Page - National Semiconductor (TI) PC87591L Datasheet HTML 284Page - National Semiconductor (TI) PC87591L Datasheet HTML 285Page - National Semiconductor (TI) PC87591L Datasheet HTML 286Page - National Semiconductor (TI) PC87591L Datasheet HTML 287Page - National Semiconductor (TI) PC87591L Datasheet HTML 288Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
www.national.com
284
Revision 1.07
Host Interface Keyboard/Mouse Status Register (HIKMST)
The HIKMST register provides the status of the Host Interface keyboard channel buffers (DBBIN and DBBOUT) and a way
for the PC87591x to send status bits to the host. This register can also be read by a host processor read operation from
address 6416. On reset, the register is cleared.
Location: 00 FEA416
Type: R/W
Host Interface Keyboard Data Out Buffer Register (HIKDO)
The HIKDO register allows the core firmware to write to DBBOUT register while setting OBF bit in the Status register. If IRQ1
interrupt is enabled, it is sent. If the core interrupt on output buffer empty is enabled (OBECIE in HICTRL register is 1), writing
to HIKDO de-asserts it (low).
Location: 00 FEA616
Type: WO
6
IRQNPOL (Negative Polarity). When IRQNPOL is cleared, the IRQ (IRQ1, IRQ11, IRQ12) signal polarity is
compatible with the standard ISA bus interface (as specified in the IRQM field). When hardware IRQ generation
is enabled (HICTRL register bits OBFKIE for IRQ1 and IRQ12; PMHIE for IRQ11), the interrupt output is
inverted if IRQNPOL is set.
7
Reserved.
Bit
76543210
Name
ST3-ST0
A2
F0
IBF
OBF
Reset
0
0000
Bit
Description
0
OBF (Output Buffer Full). The bit is set when the keyboard/mouse channel’s DBBOUT is written by the core
(i.e., writing to HIKDO or HIMDO register). The bit is cleared by a host processor read from the keyboard/mouse
channel output buffer (6016). This read-only bit is ignored when writing to this register.
1
IBF (Input Buffer Full). The bit is set when the keyboard/mouse channel’s DBBIN is written by the host
processor, i.e., writing to either address 6016 (data) or address 6416 (control). The bit is cleared by a core read
of the input buffer (HIKMDI). This read-only bit is ignored when writing to this register.
2
F0 (Flag 0). A general-purpose flag that can be set or cleared by the core firmware.
3
A2 (A2 Address). Holds the value of the A2 signal in the last write operation of the host to the keyboard/mouse
channel’s input buffer (i.e., indicates A2 value during write to address 6016 or 6416). This read-only bit is ignored
when writing to this register.
7-4
ST3-ST0 (Status Bits). Four general-purpose flags that can be set or cleared by the core firmware.
Bit
76543210
Name
Keyboard DBBOUT Data
Bit
Description
7-0
Keyboard DBBOUT Data.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com