Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 288 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 288 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 284Page - National Semiconductor (TI) PC87591L Datasheet HTML 285Page - National Semiconductor (TI) PC87591L Datasheet HTML 286Page - National Semiconductor (TI) PC87591L Datasheet HTML 287Page - National Semiconductor (TI) PC87591L Datasheet HTML 288Page - National Semiconductor (TI) PC87591L Datasheet HTML 289Page - National Semiconductor (TI) PC87591L Datasheet HTML 290Page - National Semiconductor (TI) PC87591L Datasheet HTML 291Page - National Semiconductor (TI) PC87591L Datasheet HTML 292Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
www.national.com
288
Revision 1.07
In Normal Polarity mode (IRQNPOL in HIIRQC register is cleared), the PC87591x supports two types of interrupts: legacy
edge or legacy level. When an edge interrupt is selected (IRQM field in HIIRQC register is set to a value other than 0), the
interrupt signal default value is high (1). When an interrupt signal must be sent (i.e., OBF flag is set), a negative pulse is
generated. The pulse width is determined by the same field, IRQM, that selects the edge interrupt.
When a level interrupt is selected (IRQM in HIIRQC register is cleared), the interrupt signal is usually low (0). It is asserted
(1) to indicate that the respective OBF flag has been set. The signal is de-asserted (0) when the output buffer is read (i.e.,
OBF flag is cleared).
In Negative Polarity mode (IRQNPOL in HIIRQC register is set to 1), IRQ signal behavior is inverted from the behavior de-
scribed for normal polarity.
The PC87591x firmware can read the value of the IRQ11 signal by performing a read operation of IRQ11B bit in HIIRQC
register.
The core can also control the routing of interrupts generated by the PM channel to one of the following:
●
IRQ signal, when IRQE bit in HIPMnIE register is set
●
SMI output, when SMIE bit in HIPMnIE register is set
●
SCI event, using the SCIEC output, when SCIE bit in HIPMnIE register is set.
The core firmware should not enable more than one of these interrupts simultaneously. It should also update ST0 and ST1
bits to indicate the type of host interrupt used.
Enhanced PM Mode
Enhanced PM mode is available for both PM channels. It is enabled when EME in HIPMnCTL register is set to 1. Figure 98
illustrates interrupt generation in this mode.
Either IRQ, SMI or SCI interrupts may be generated under software control or by using hardware. Using hardware reduces
software overhead and simplifies procedures.
The mechanism that generates the IRQ is identical to that used in PC87570 Compatible mode. To enable identical control
of both channels, the bits that are used for channel 1 are separated from the keyboard/mouse channel’s registers; see
Figure 98 for bit usage.
IRQE in HIPMnIE register determines if an IRQ is sent from PM Channel n.
Enhanced PM mode supports direct generation of SCI and SMI on core writes to the Data output buffer and generation of
SCI on core reading of the Data Input buffer. The core decides whether to generate an interrupt and which type of interrupt
to generate by selecting the data register address in use.
When data is written to HIPMnDO register, the OBF flag in HIPMnST register is set and neither SMI nor SCI is generated.
Hardware
IRQM field (HIIRQ)
Interrupt
IRQNPOL bit (HIIRQC)
1
0
IRQ11B bit (HIIRQC)
PMHIE bit (HICTRL)
1
0
IRQ11B bit (HIIRQC)
IRQ11B bit (HIIRQC)
(Part of SuperI/O
Configuration
Module)
IRQ Routing
and Polarity
IRQ
Serializer
IRQE bit (HIPMnIE)
SMIE bit (HIPMnIE)
SCIE bit (HIPMnIE)
Gathering
SMI Source
Gathering
SCI Source
SMI
ECSCI
Figure 97. IRQ, SCI and SMI Control in PC87570 Compatible Mode (PM Channel 1 Only)
OBF
0
1
0
1
SMIPOL bit (HIPMnIC)
SCIPOL bit (HIPMnCTL)
(write)
(read)
(Level or Edge)
(Polarity)
(Hardware or Firmware)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com