Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 170 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 170 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 166Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 167Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 168Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 169Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 355 page
background image
2-82
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
(5)
Data transmission control with referring to transmit shift register completion flag
The transmit shift register completion flag changes from “1” to “0” with a delay of 0.5 to 1.5 shift
clocks. When data transmission is controlled with referring to the flag after writing the data to the
transmit buffer register, note the delay.
(6)
Transmission control when external clock is selected
When an external clock is used as the synchronous clock for data transmission, set the transmit
enable bit to “1” at “H” of the serial I/O2 clock input level. Also, write the transmit data to the transmit
buffer register (serial I/O shift register) at “H” of the serial I/O2 clock input level.
(7)
Transmit interrupt request when transmit enable bit is set
The transmission interrupt request bit is set and the interruption request is generated even when
selecting timing that either of the following flags is set to “1” as timing where the transmission
interruption is generated.
• Transmit buffer empty flag is set to “1”
• Transmit shift register completion flag is set to “1”
Therefore, when the transmit interrupt is used, set the transmit interrupt enable bit to transmit
enabled as the following sequence.
Œ Transmit enable bit is set to “1”
 Transmit interrupt request bit is set to “0”
q Reason
When the transmission enable bit is set to “1”, the transmit buffer empty flag and transmit shift
register completion flag are set to “1”.
(8)
Using TxD pin
The P55/TxD P-channel output disable bit of UART control register is valid in both cases: using as
a normal I/O port and as the TxD pin. Do not supply Vcc + 0.3 V or more even when using the P55/
TxD pin as an N-channel open-drain output.
Additionally, in the serial I/O2, the TxD pin latches the last bit and continues to output it after
completing transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com