Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 167 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 167 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 165Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 166Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 167Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 168Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 169Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-79
2.3 Serial I/O
q When using the SSTB1 output, regardless of the contents of the SBUSY1 output•SSTB1 output function
selection bit, this transfer interval for each 1-byte data becomes 2 cycles longer than the value
set by the automatic transfer interval set bits of serial I/O1 control register 3.
q When using the combined output of SBUSY1 and SSTB1 as the signal for each of all transfer data
set, the transfer interval after completion of transmission/reception of the last data becomes 2
cycles longer than the value set by the automatic transfer interval set bits.
q Set the transfer interval of each 1-byte data transfer to 5 or more cycles of the internal clock
φ after the rising edge of the last bit of a 1-byte data.
q When selecting an external clock, the set of automatic transfer interval becomes invalid.
s Set of serial I/O1 transfer counter
q Write the value decreased by 1 from the number of transfer data bytes to the serial I/O1 transfer
counter.
q When selecting an external clock, after writing a value to the serial I/O1 register/transfer counter,
wait for 5 or more cycles of internal clock
φ before inputting the transfer clock to the serial I/
O1 clock pin.
s Serial I/O initialization bit
A serial I/O1 automatic transfer interrupt request occurs when “0” is written to the serial I/O
initialization bit during an operation. Disable it with the interrupt enable bit as necessary by program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com