Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 165 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 165 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 165Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 166Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 167Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 168Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 169Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-77
2.3 Serial I/O
Fig. 2.3.55 Control procedure of reception side
(address 001D16)
(address 0017 16)
(address 0016 16)
(address 000B16), bit6
RESET
• Judgment of completion of receiving
(Receive buffer full flag)
SIO2STS (address 001E 16), bit1?
1
0
Read out a reception data
from TB/RB (address 001F 16)
SIO2STS (address 001E 16), bit6?
0
1
Initialization
SIO2CON
UARTCON
BRG
P5D
1010X0012
XX0X1X002
6 – 1
0
SIO2STS (address 001E 16), bit1?
1
0
• Judgment of an error flag
SIO2STS (address 001E 16), bit0?
0
1
P5 (address 000A 16), bit0?
0
1
SIO2CON (address 001D 16)
SIO2CON (address 001D 16)
0000X0012
1010X0012
Processing for error
Read out a reception data
from TB/RB (address 001F 16)
• Reception of the first byte data
Receive buffer full flag is set
to “0” by reading data.
• Judgment of completion of
receiving
(Receive buffer full flag)
• Reception of the second byte data
Receive buffer full flag is set
to “0” by reading data.
• Judgment of an error flag
• Countermeasure for a bit slippage
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
• Serial I/O2 setting
• Port P56 setting for communication control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com