Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 164 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 164 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 165Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 166Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 167Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 168Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 355 page
background image
2-76
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Figure 2.3.54 shows a control procedure of the transmission side, and Figure 2.3.55 shows a control
procedure of the reception side.
Fig. 2.3.54 Control procedure of transmission side
SIO2STS (address 001E 16), bit0?
RESET
• Communication completion
(address 001D16)
(address 0017 16)
(address 0016 16)
(address 000A16), bit6
(address 000B16), bit6
P5 (address 000A 16), bit6
1
10 ms has passed ?
Y
N
TB/RB (address 001F 16)
The second byte of
a transmission data
1
0
SIO2STS (address 001E 16), bit2?
1
0
Initialization
SIO2CON
UARTCON
BRG
P5
P5D
1001X0012
XX001X002
6 – 1
TB/RB (address 001F 16)
The first byte of a
transmission data
P5 (address 000A 16), bit6
0
1
0
• Port P56 set for communication control
• An interval of 10 ms generated by Timer
• Communication start
• Transmission data write
Transmit buffer empty flag is set to “0”
by this writing.
• Transmission data write
Transmit buffer empty flag is set to “0”
by this writing.
• Judgment of transferring data from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
• Judgment of transferring data from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
• Judgment of shift completion of Transmit shift register
(Transmit shift register shift completion flag)
SIO2STS (address 001E 16), bit0?
0
1
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
• Serial I/O2 setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com