Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 161 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 161 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 165Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-73
2.3 Serial I/O
Transfer bit rate
f(XIN) = 3.6864 MHz
f(XIN) = 4 MHz
(Note 1)
BRG count
BRG setting
Actual rate
BRG count
BRG setting
Actual rate
source (Note 2)
value
source (Note 2)
value
600
f(XIN)/4
95(5F16)
600.00
f(XIN)/4
103(6716)
600.96
1200
f(XIN)/4
47(2F16)
1200.00
f(XIN)/4
51(3316)
1201.92
2400
f(XIN)/4
23(1716)
2400.00
f(XIN)/4
25(1916)
2403.85
4800
f(XIN)/4
11(0B16)
4800.00
f(XIN)/4
12(0C16)
4807.69
9600
f(XIN)/4
5(0516)
9600.00
f(XIN)
25(1916)
9615.38
19200
f(XIN)/4
2(0216)
19200.00
f(XIN)
12(0C16)
19230.77
38400
f(XIN)
5(0516)
38400.00
f(XIN)
5(0516)
41666.67
76800
f(XIN)
2(0216)
76800.00
f(XIN)
2(0216)
83333.33
31250
—
—
—
f(XIN)
7(0716)
31250.00
62500
—
—
—
f(XIN)
3(0316)
62500.00
Notes 1: Equation of transfer bit rate:
Vm: When bit 0 of the serial I/O2 control register (address 001D16) is set to “0”, a value of m
is 1.
When bit 0 of the serial I/O2 control register is set to “1”, a value of m is 4.
2: Select the BRG count source with bit 0 of the serial I/O2 control register (address 001D16).
Table 2.3.1 shows setting examples of the baud rate generator (BRG) values and transfer bit rate
values.
Table 2.3.1 Setting examples of baud rate generator values and transfer bit rate values
Transfer bit rate (bps) =
(BRG setting value + 1) ! 16 ! mV
f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com