Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 158 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 158 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 154Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 355 page
background image
2-70
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Control procedure by software:
q Control in the master unit
After setting the relevant registers shown in Figure 2.3.46, the master unit starts transmission or
reception of 1-byte data by writing transmission data to the serial I/O2 transmit buffer register.
To perform the communication in the timing shown in Figure 2.3.45, take the timing into account
and write transmission data. Additionally, read out the reception data when the serial I/O2 transmit
interrupt request bit is set to “1,” or before the next transmission data is written to the serial I/O2
transmit buffer register.
Figure 2.3.48 shows a control procedure of the master unit using timer interrupts.
Interrupt processing routine
executed every 500
µs
Write a transmission data
Read a reception data
N
Within a block transfer
period?
Y
Y
Complete to transfer
a block?
N
RTI
Write the first transmission data
(first byte) in a block
Count a block interval counter
N
Start a block transfer?
Y
Generating a certain block interval by
using a timer or other functions
Check of the block interval counter and
determination to start a block transfer
q
q
CLT (Note 1)
CLD (Note 2)
Push register to stack
Note 1: When using the Index X mode flag (T).
Note 2: When using the Decimal mode flag (D).
Pushing the register used in the interrupt
processing routine into the stack
q
Pop registers
Popping registers which is pushed to stack
q
Fig. 2.3.48 Control procedure of master unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com