Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 154 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 154 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 153Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 154Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 355 page
background image
2-66
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Figure 2.3.43 shows a control procedure.
SIO2CON (address 001D16)
UARTCON (address 001716)
BRG (address 00161)
ICON2 (address 003F16), bit4
P5 (address 000A16), bit7
P5D (address 000B16), bit7
110110002
X000XXXX2
8 – 1
0
1
1
P5 (address 000A16), bit7
0
IREQ2 (address 003D16), bit4 ?
1
0
RESET
TB/RB (address 001F16)
IREQ2 (address 003D16), bit4
0
Y
P5 (address000A16), bit7
1
N
Initialization
Transmission data
All data has been transmitted ?
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
Judgment of completion of transmitting 1-byte
data
Use any of RAM area as a counter for counting
the number of transmitted bytes.
Judgment of completion of transmitting the target
number of bytes
Returning CS signal output level to “H” when
transmission of the target number of bytes is
completed
Serial I/O2 setting
INT3/Serial I/O2 transmit interrupt: Disabled
CS signal output level to “H” setting
CS signal output port setting
CS signal output level to “L” setting
Transmission data write
(Start of 1-byte data transmission)
INT3/Serial I/O2 transmit interrupt request bit to “0” setting
Fig. 2.3.43 Control procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com