Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 151 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 151 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 153Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 154Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-63
2.3 Serial I/O
Fig. 2.3.38 Control procedure of reception side
SIO2CON (address 001D16)
UARTCON (address 001716), bit6
1111X11X2
RESET
2ms has passed ?
1
0
TB/RB (address 001F16)
SIO2STS (address 001E16), bit1 ?
1
0
Dummy data
SIO2STS (address 001E16), bit1 ?
1
0
Initialization
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
• Serial I/O2 setting
0
Read out reception data from
TB/RB (address 001F16)
Read out reception data from
TB/RB (address 001F16)
• SRDY2 output
SRDY2 signal is output by writing data to
the TB/RB.
When using SRDY2, set Transmit enable
bit (bit4) of SIO2CON to “1.”
• An interval of 2 ms generated by Timer.
• Judgment of completion of receiving
(Receive buffer full flag)
• Reception of the first byte data.
Receive buffer full flag is set to “0” by reading
data.
• Judgment of completion of receiving
(Receive buffer full flag)
• Reception of the second byte data.
Receive buffer full flag is set to “0” by reading data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com