Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 147 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 147 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-59
2.3 Serial I/O
2.3.8 Serial I/O2 application examples
(1)
Communication (transmission/reception) using clock synchronous serial I/O
Outline : 2-byte data is transmitted and received, using the clock synchronous serial I/O.
The SRDY2 signal is used for communication control.
Figure 2.3.33 shows a connection diagram, and Figure 2.3.34 shows a timing chart.
Fig. 2.3.33 Connection diagram
Specifications : • Use of serial I/O2 in clock synchronous serial I/O
• Synchronous clock frequency : 125 kHz (f(X IN) = 4 MHz is divided by 32)
• Use of SRDY2 (receivable signal)
• The reception side outputs the SRDY2 signal at intervals of 2 ms (generated by the
timer), and 2-byte data is transferred from the transmission side to the reception
side.
Fig. 2.3.34 Timing chart
SRDY2
TxD
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D1
2 ms
SCLK21
D0
...
...
...
P40/INT0
SCLK21
TxD
38B5 group
38B5 group
SRDY2
SCLK21
RxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com