Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 143 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 143 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-55
2.3 Serial I/O
Fig. 2.3.28 Control procedure
SC11 (address 001916)
SC12 (address 001A16)
SC13 (address 001C16)
SIO1DP (address 001816)
SC11 (address 001916), bit4
000000112
00XX00002
011111102
0716
1
SIO1CON2 (address 001A16), bit5 ?
0
1
RESET
SIO1 (address 001B16)
8 – 1
Automatic transfer RAM of
serial I/O (addresses 0F0016
to 0F0716)
N
Main processing
Y
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
The time to control main routine
period has passed ?
Transmitted
data RAM
Received data
RAM
Automatic transfer RAM of
serial I/O (addresses 0F0016
to 0F0716)
Initialization
Serial I/O1 initial setting
Setting of automatic transfer function
Enabled serial I/O1
Generating certain period timing using timer’s functions
(Control so that main routine will be executed at certain
period.)
1-block data, 8 bytes, to be transmitted set in RAM
Number of transferred count set causing automatic
transfer start
(Set the number of transfer bytes – 1.)
Judgment of completion of automatic transfer
Taking received data into RAM for processing
Processing data taken into received data
RAM and preparing next transmission data in
main routine
Possible to process others during automatic transfer
(Perform part of main processing.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com