Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 141 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 141 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-53
2.3 Serial I/O
(2)
Transmission/Reception using automatic transfer
Outline: Serial transmission/reception control is performed, using the serial automatic transfer function.
Figure 2.3.25 shows a connection diagram, and Figure 2.3.26 shows a timing chart of serial data
transmission/reception.
P52/SCLK11
P51/SOUT1
P50/SIN1
38B5 group
Sub microcomputer
CLK
IN
OUT
Fig. 2.3.25 Connection diagram
Specifications: • Use of serial I/O1 using automatic transfer function
• Synchronous clock frequency: 131 kHz (f(XIN) = 4.19 MHz is divided by 32.)
• Transfer direction: LSB first
• Transmission/reception byte number: 8 bytes/block each
• Transfer interval for 1-byte: 244
µs (32 cycles of transfer clock)
• Not use of serial I/O1 automatic transfer interrupt
Figure 2.3.27 shows the relevant registers setting, and Figure 2.3.28 shows the control procedure.
CLK
1 block
OUT
DO0
DO1
DO2
DO7
DO1
DO0
IN
DI0
DI1
DI2
DI7
DI1
DI0
Block period is controlled by software.
(Synchronize it with the main routine.)
Fig. 2.3.26 Timing chart of serial data transmission/reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com