Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 140 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 140 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 136Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 355 page
background image
2-52
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Control procedure: When the registers are set as shown in Figure 2.3.22, the serial I/O1 can transmit
1-byte data by writing data to the serial I/O1 register.
Thus, after setting the CS signal to “L”, write the transmission data to the serial
I/O1 register by each 1 byte; and return the CS signal to “H” when the target
number of bytes has been transmitted.
Figure 2.3.24 shows a control procedure.
Fig. 2.3.24 Control procedure
Initialization
SC11 (address 001916)
SC12 (address 001A16)
SC13 (address 001C16)
P6 (address 000C16), bit2
P6D (address 000D16), bit2
SC11 (address 001916), bit4
001000012
00XX00002
011XXXXX2
1
1
1
P6 (address 000C16), bit2
0
SIO1CON2 (address 001A16), bit5 ?
0
1
RESET
SIO1 (address 001B16)
All data have been transmitted ?
Y
P6 (address 000C16), bit2
1
N
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
Judgment of completion of transmitting 1-byte
data
Use any of RAM area as a counter for counting
the number of transmitted bytes.
Judgment of completion of transmitting the target
number of bytes
Returning CS signal output level to “H” when
transmission of the target number of bytes is
completed
Serial I/O1 setting
CS signal output level to “H” setting
CS signal output port setting
Enabled serial I/O1
CS signal output level to “L” setting
Transmission data write
(Start of 1-byte data transmission)
Transmission data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com