Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 139 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 139 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 135Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 136Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-51
2.3 Serial I/O
Figure 2.3.22 shows the registers setting relevant to the transmission side, and Figure 2.3.23 shows
the setting of transmission data.
Fig. 2.3.23 Setting of transmission data
Fig. 2.3.22 Registers setting relevant to transmission side
P6D
Port P6 direction register (address 000D16)
Set P62 to output mode
1
P6
Port P6 (address 000C16)
Set P62 output level to “H”
1
SIO1CON1
(SC11)
Serial I/O1 control register 1 (address 001916)
0 0 1 0 0 0 0 1
Serial I/O initialization
Transmit-only mode
Serial I/O1 clock pin: SCLK11
LSB first
8-bit serial I/O
SIO1CON2
(SC12)
0 0
0 0 0 0
P51/SOUT1: CMOS 3-state (P-channel output is valid.)
SOUT1 pin: Output active
Pins P62 and P64 of I/O ports
SIO1CON3
(SC13)
0 1
1
Internal synchronous clock: f(XIN)/32
Internal synchronous clock (P65 pin is an I/O port.)
Serial I/O1 control register 2 (address 001A16)
Serial I/O1 control register 3 (address 001C16)
SIO1
Serial I/O1 register (001B16)
Set a transmission data.
Confirm that transmission of the previous
data is completed, where bit 5, the serial
transfer status flag of the serial I/O1 control
register 2, is “0”; before writing data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com