Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 142 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 142 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 355 page
background image
2-54
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Automatic transfer serial I/O (8 bits)
SIO1CON1
(SC11)
Serial I/O1 control register 1 (address 001916)
0
0 0 0 0 0 1 1
Internal synchronous clock (P65 pin is an I/O port.)
Serial I/O initialization
LSB first
Full duplex mode
Pins P62 and P64 of I/O ports
SIO1CON2
(SC12)
Serial I/O1 control register 2 (address 001A16)
0
0
0 0 0 0
P51/SOUT1: CMOS 3-state
SOUT1 pin: Output active
Automatic transfer interval set bits: 32 cycles of transfer clock
SIO1CON3
(SC13)
Serial I/O1 control register 3 (address 001C16)
0
1 1 1 1 1 1 0
Internal synchronous clock: f(XIN)/32
SIO1DP
Serial I/O1 automatic transfer data pointer (address 001816)
Set low-order 8 bits of address 0F0716 (=0716)
0716
SIO1
Transfer counter (address 001B16)
DO7
DO6
DO1
DO0
0F0016
0F0116
0F0616
0F0716
DI7
DI6
DI1
DI0
0F0016
0F0116
0F0616
0F0716
Automatic transfer executed
Automatic transfer RAM of serial I/O (addresses 0F0016 to 0FFF16, its addresses 0F6016 to 0FFF16
shared by FLD automatic display RAM
SIORAM
The area of addresses 0F0816 to 0FFF16, which is not used as automatic transfer,
can be used as normal RAM; the area of addresses 0F6016 to 0FFF16 can be
used as FLD automatic display RAM.
0716
Transfer counter
Serial I/O1
automatic transfer
data pointer
0716
Serial I/O1 clock pin: SCLK11
0716
Set the number of transfer bytes – 1 = 7
(Automatic transfer stars by writing to this register
when selecting an internal synchronous clock.)
Fig. 2.3.27 Relevant registers setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com