Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 138 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 138 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 134Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 135Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 136Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 355 page
background image
2-50
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
2.3.5 Serial I/O1 application examples
(1)
Output of serial data (control of peripheral IC)
Outline : Serial communication is performed, connecting ports with the CS pin of a peripheral IC.
Figure 2.3.20 shows a connection diagram, and Figure 2.3.21 shows a timing chart.
Fig. 2.3.20 Connection diagram
Specifications : • Use of serial I/O1 (Not using automatic transfer function)
• Synchronous clock frequency : 131 kHz (f(XIN) = 4.19 MHz is divided by 32)
• Transfer direction : LSB first
• Not use of serial I/O1 interrupt
• Port P62 is connected to the CS pin (“L” active) of the peripheral IC for transmission
control; the output level of port P62 is controlled by software.
Fig. 2.3.21 Timing chart
P62
P52/SCLK11
P51/SOUT1
38B5 groupPeripheral IC
CS
CLK
DATA
CS
CLK
DATA
CS
CLK
DATA
DO0
DO1
DO2
DO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com