Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 149 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 149 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 153Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-61
2.3 Serial I/O
Fig. 2.3.36 Registers setting relevant to reception side
1 1 1 1
1 1
SIO2CON
UART control register (address 001716)
UARTCON
Serial I/O2 clock: SCLK21
0
SIO2STS
Reception side
Serial I/O2 status register (address 001E16)
Receive buffer full flag
Confirm completion of receiving 1-byte data with this flag.
“1” : at completing reception
“0” : at reading out contents of Receive buffer register
Overrun error flag
“1” : When data is ready in Receive shift register while Receive buffer
register contains the data.
Serial I/O2 control register (address 001D16)
Synchronous clock: External clock input
SRDY2 output enabled
Transmit enabled
When using SRDY2 output, set this bit to “1”.
Receive disabled
Clock synchronous serial I/O
Serial I/O2 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com