Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 148 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 148 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 355 page
background image
2-60
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
Fig. 2.3.35 Registers setting relevant to transmission side
Figure 2.3.35 shows the registers setting relevant to the transmission side, and Figure 2.3.36 shows
the registers setting relevant to the reception side.
Transmission side
BRG
0716
0
INTEDGE
SIO2STS
UART control register (address 001716)
0
UARTCON
P55/TxD pin: CMOS output
BRG clock: f(XIN)
Serial I/O2 clock: SCLK21
0
0
1 1
0 1
0 0
SIO2CON
0
Serial I/O2 status register (address 001E16)
Transmit buffer empty flag
• Confirm that the data has been transferred from Transmit buffer
register to Transmit shift register.
• When this flag is “1”, it is possible to write the next transmission
data in to Transmit buffer register.
Transmit shift register shift completion flag
Confirm completion of transmitting 1-byte data with this flag.
“1” : Transmit shift completed
Serial I/O2 control register (address 001D16)
BRG count source: f(XIN)
Synchronous clock: BRG/4
SRDY2 output not used
Transmit enabled
Receive disabled
Clock synchronous serial I/O
Serial I/O2 enabled
Interrupt edge selection register (address 003A16)
INT0 falling edge active
Baud rate generator (address 001616)
Set “division ratio – 1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com