Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 153 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 153 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 151Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 153Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 154Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-65
2.3 Serial I/O
Figure 2.3.41 shows the relevant registers setting and Figure 2.3.42 shows the setting of transmission
data.
BRG
ICON2
0
0
IREQ2
Interrupt request register 2 (address 003D16)
0
SIO2CON
1 1 0 1 1 0 0 0
UARTCON
0
0
0
Serial I/O2 control register (address 001D16)
BRG count source: f(XIN)
Synchronous clock: BRG/4
SRDY2 output not used
Transmit interrupt source: When transmit shift operation is completed
Transmit enabled
Receive disabled
Clock synchronous serial I/O
Serial I/O2 enabled
UART control register (address 001716)
P55/TxD pin: CMOS output
BRG clock: f(XIN)
Serial I/O2 clock: SCLK21
0716
Baud rate generator (address 001616)
Set “division ratio – 1”
Interrupt control register 2 (address 003F16)
INT3/Serial I/O2 transmit interrupt: Disabled
INT3/serial I/O2 transmit interrupt request cleared
Confirm transmission completion of 1-byte unit.
TB/RB
Serial I/O2 transmit/receive buffer register (001F16)
Set a transmission data.
Confirm that transmission of the previous data is
completed, where bit 4, the INT3/serial I/O2
transmit interrupt request bit of the interrupt
request register 2, is “1”; before writing data.
Fig. 2.3.41 Relevant registers setting
Fig. 2.3.42 Setting of transmission data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com