Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 156 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 156 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 152Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 153Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 154Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 155Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 355 page
background image
2-68
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
The communication is performed according to the timing shown in Figure 2.3.45. In the slave unit,
when a synchronous clock is not input within a certain time (heading adjusment time), the next clock
input is processed as the beginning (heading) of a block.
When a clock is input again after one block (8 bytes) is received, the clock is ignored.
Figure 2.3.46 shows the relevant registers setting in the master unit and Figure 2.3.47 shows the
relevant registers setting in the slave unit.
Fig. 2.3.45 Timing chart
Fig. 2.3.46 Relevant registers setting in master unit
D0
Byte cycle
Block transfer term
Block transfer cycle
D1
D2
D7
D0
Interval between blocks
Processing for heading adjustment
Heading adjustment time
0
P55/TxD pin: CMOS output
BRG clock: f(XIN)
Serial I/O2 clock: SCLK21
UARTCON
Serial I/O2 control register (address 001D16)
1 1
1 1 1
0 0 0
SIO2CON
BRG
0716
0 0
Master unit
BRG count source : f(XIN)
Synchronous clock : BRG/4
SRDY2 output disabled
Transmit interrupt source : Transmit shift operating completion
Transmit enabled
Receive enabled
Clock synchronous serial I/O
Serial I/O2 enabled
UART control register (address 001716)
Baud rate generator (address 001616)
Set “division ratio – 1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com