Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 160 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 160 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 156Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 157Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 158Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 159Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 160Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 161Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 162Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 163Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 164Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 355 page
background image
2-72
38B5 Group User’s Manual
APPLICATION
2.3 Serial I/O
P56
TXD
10 ms
D0
D1 D2
D3
D4
D5 D6
D7
ST
SP(2)
D0
D1
D2 D3
D4
D5 D6
D7
ST
SP(2)
D0
ST
(4)
Communication (transmission/reception) using asynchronous serial I/O (UART)
Outline : 2-byte data is transmitted and received, using the asynchronous serial I/O.
Port P56 is used for communication control.
Figure 2.3.50 shows a connection diagram, and Figure 2.3.51 shows a timing chart.
Fig. 2.3.50 Connection diagram
Transmission side
P56
38B5 group
P56
38B5 group
Reception side
TXDRXD
Specifications : • Use of serial I/O2 in UART
• Transfer bit rate : 9600 bps (f(XIN) = 3.6864 MHz is divided by 384)
• Data format : 1ST-8DADA-2ST
• Communication control using port P56
(The output level of port P56 is controlled by softoware.)
• 2-byte data is transferred from the transmission side to the receiption side at
intervals of 10 ms generated by the timer.
Fig. 2.3.51 Timing chart
....
....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com